Part Number Hot Search : 
JANTX ZXMN4A06 AN171 P1602AAL MIC2941A RT9201 C2502 68K100
Product Description
Full Text Search
 

To Download 7101J1AKE32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  our easy build-a-switch concept allows you to mix and match options to create the switch you need. below is a complete listing of options shown in catalog. to order, simply select desired option from each category and place in the appropriate box. switch es with standard options are shown on pages f-4 and f-5. available options are shown and described on pages f-6 thru f-22. for additional options not shown in catalog, consult customer service center. all models have epoxy terminal seal and are compatible with all abottom-washo pcb cleaning methods. build-a-switch features/benefits typical applications  multi-pole and multi-position  wide variety of actuator and termination options  epoxy sealed terminals prevent contamination during soldering  telecommunications  instrumentation  medical equipment models available switch function 7101 
  ' ' 7103 
  '' 7201 

 ' ' 7301 
  ' ' 7401 
  ' ' 7105  *(5""5*( 7107  )5""5*( 7108  )5*)!5*( 7109  *)!5)5*( 7203  )5""5) 7205  *(5""5*( 7207  )5""5*( 7208  )5*)!5*( 7209  *)!5)5*( 7211  )5)5) 7213  )5)5*( 7215  *(5)5*( 7303  )5""5) 7305  *(5""5*( 7307  )5""5*( 7308  )5*)!5*( 7309  *)!5)5*( 7403  )5""5) 7405  *(5""5*( 7407  )5""5*( 7408  )5*)!5*( 7409  *)!5)5*( 7411  )5)5) 7413  )5)5*( 7415  *(5)5*( actuator j1 
 ! j2 !1!- j3 *&!- j8 *&!- j10 *&!- j11 *&!- 2%/$ "-(! j15 *&!- 2%/$ "-(! .)+5%) j16 *&!- .)+5%) j19 *&!- 2%/$ "-(! j21 !1!- 2%/$ "-(! j25 !1!- .)+5%) j26 !1!- 2%/$ "-(! .)+5%) j37 *&!- 2%/$ "-(! j50 *&!- j51 *&!- 2%/$ "-(! j52 *&!- 2%/$ "-(!   .)+5%) j53 *&!- .)+5%) j60 !1!- j61 !1!- 2%/$ "-(! .)+5%) j62 !1!- 2%/$ "-(!   .)+5%) j63 !1!- .)+5%) j76 *&!- 2%/$ "-(! .)+5%) j90 !1!- j91 !1!- 2%/$ "-(! .)+5%) j92 !1!- 2%/$ "-(!   .)+5%) j93 !1!- .)+5%) terminations a 
 "   "!#' av2 
 !" !"   "!#' c 
  !#' z 
 ! # a3 %#$/ )#'! .)+5%)  /$-05$*'! av3 !-/%' -%#$/ )#'! .)+5%)  /$-05$*'! aw %#$/ )#'! !3/!) !   /$-05$*'! aw1 %#$/ )#'! !3/!) !   /$-05$*'! aw3 %#$/ )#'! !3/!) !   /$-05$*'! aw4 %#$/ )#'! !3/!) !   /$-05$*'! v2 
 $%#$ 5-&!/ v3    $%#$ 5-&!/ v4    $%#$ 5-&!/ v5 !-/%' -%#$/ )#'!  /$-05$*'! v6    $%#$ 5-&!/ v7    $%#$ 5-&!/ v8 
  $%#$ 5-&!/ v9 
  $%#$ 5-&!/ v21 
 $%#$ 5-&!/ .)+5%) v31    $%#$ 5-&!/ .)+5%) v41    $%#$ 5-&!/ .)+5%) v51 !-/%' -%#$/ )#'! .)+5%) v54 !-/%' -%#$/ )#'! !3/!) ! v55 !-/%' -%#$/ )#'! !3/!) ! v61    $%#$ 5-&!/ .)+5%) v71    $%#$ 5-&!/ .)+5%) v81 
  $%#$ 5-&!/ .)+5%) v91 
  $%#$ 5-&!/ .)+5%) w 
  '*)# 2%-! 2-+ w1   '*)# 2%-! 2-+ w3  
 '*)# 2%-! 2-+ w4    '*)# 2%-! 2-+ w5 
 '*)# 2%-! 2-+ z3 0%& *))!/ contact material b 
  q 
 $! k *' m %'1!- g *' *1!- .%'1!- l *' *1!- .%'1!- seal e 
 %& i +*34 +*//! .! actuator color 2 
  1 $%/! 3 ! frame color 2 
  none * "-(! *'*- -!,0%-! 1 $%/! 3 ! metal frame color (j11, j19, j21, j37 actuators) 2 
  1 $%/! c -%#$/ $-*(! s /%) $-*(! typical example: 7101 j1 z q e 2 note: ul/csa models available, see page f-6. rocker and lever handle switches c&k 7000 series rocker f f-3 www.ittcannon.com itt industries cannon
switches with standard options spdt 7101j1zqe2 dpdt 7201j1zqe2 note : for pc termination, replace `z' with `c'. for panel mounting information, see page f-7. note : for pc termination, replace `z' with `c'. for panel mounting information, see page f-7. rocker and lever handle switches c&k 7000 series rocker f f-4 www.ittcannon.com itt industries cannon specifications contact rating: b contact material: 0.4 va max. @ 20 v ac or dc max. q contact material: 5 amps @ 120 v ac or 28 v dc; 2 amps @ 250 v ac. see page f-22 for additional ratings. electrical life: 7x01 and ux1 models: 100,000 make-and-break cycles at full load. all other models: 40,000 cycles. contact resistance: below 10 milliohms typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 ohms min. dielectric strength: 1000 v rms min. @ sea level. operating temperature: 30  c to 85  c. solderability: per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). note : specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. materials case: glass filled nylon 6/6, flame retardant, heat stabilized, or diallyl phthalate (dap) (ul 94v-0). actuator: nylon, black. frame (front mount): nylon, black. frame (rear mount): spring steel, black. bushing: brass or zinc, nickel plated. housing: stainless steel. switch support: brass or steel, tin plated. end contacts: b contact material: copper alloy, with gold plate over nickel plate. q contact material: coin silver, silver plated. see page f-22 for additional contact materials. center contacts & all terminals: b contact material: copper alloy, with gold plate over nickel plate. q contact material: copper alloy, silver plated. see page f-22 for additional contact materials. terminal seal: epoxy. hardware: mounting nuts & screws: brass. lockwasher: stainless steel. standoff: nylon standard, aluminum available, consult customer service center. pos. 1 pos. 2 pos. 3 part number ??? ??? 7101j1zqe2 on none on pos. 1 pos. 2 pos. 3 part number ??? ??? 7201j1zqe2 on none on
switches with standard options 4pdt 7401j1zqe2 note : for pc termination, replace `z' with `c'. for panel mounting information, see page f-7. 7101j1abe2 spdt section a-a note : for pc mounting information, see page f-15. 7301j1av2qe2 3pdt section a-a note : for pc mounting information, see page f-17. 3pdt 7301j1zqe2 note : for pc termination, replace `z' with `c'. for panel mounting information, see page f-7. horizontal actuation vertical actuation rocker and lever handle switches c&k 7000 series rocker f f-5 www.ittcannon.com itt industries cannon pos. 1 pos. 2 pos. 3 part number ?? ?? 7301j1zqe2 on none on pos. 1 pos. 2 pos. 3 part number ?? ?? 7401j1zqe2 on none on pos. 1 pos. 2 pos. 3 part number ?? ?? 7101j1abe2 7101j1aqe2 7103j1abe2 on on on none none off on on on pos. 1 pos. 2 pos. 3 part number ??? ??? 7301j1av2qe2 on none on
switch function **u11-u415 model nos. with all options when ordered with g, l, m or q contact material. * wiring for 3-way switch, see page l-29. mom. = momentary rocker and lever handle switches c&k 7000 series rocker f f-6 www.ittcannon.com itt industries cannon switch function connected terminals pos. 1 pos. 2 pos. 3 pos. 1 pos. 2 pos. 3 no. poles model no. ul/csa** model no. ??? ??? schematic 7101 (std.) u11 on none on 7103 (std.) u13 on off on 7105 u15 mom. off mom. 2-3 open 2-1 sp 7107 u17 on off mom. 23 open 21 7108 u18 on none mom. 7109 u19 none on mom. n/a 2-3 2-1 spdt 7201 (std.) u21 on none on 7203 u23 on off on 7205 u25 mom. off mom. 2-3,5-6 open 2-1,5-4 7207 u27 on off mom. 23 , 56 open 21 , 54 dp 7208 u28 on none mom. dp 7209 u29 none on mom. n/a 2-3,5-6 2-1,5-4 7211 * u211 * on on on 7213 * u213 * on on mom. 2-3,5-6 2-3,5-4 2-1,5-4 7215 * u215 * mom. on mom. 23,56 23,54 21,54 dpdt 7301 (std.) u31 on none on 7303 u33 on off on 7305 u35 mom. off mom. 2-3,5-6,8-9 open 2-1,5-4,8-7 3p 7307 u37 on off mom. 23 , 56 , 89 open 21 , 54 , 87 7308 u38 on none mom. 7309 u39 none on mom. n/a 2-3,5-6,8-9 2-1,5-4,8-7 3pdt 7401 (std.) u41 on none on 7403 u43 on off on 7405 u45 mom. off mom. 2-3,5-6,8-9,11-12 open 2-1,5-4,8-7,11-10 7407 u47 on off mom. 23 , 56 , 89 , 11 12 open 21 , 54 , 87 , 11 10 4p 7408 u48 on none mom. 4p 7409 u49 none on mom. n/a 2-3,5-6,8-9,11-12 2-1,5-4,8-7,11-10 7411 * u411 * on on on 7413 * u413 * on on mom. 2-3,5-6,8-9,11-12 2-3,5-4,8-9,11-10 2-1,5-4,8-7,11-10 7415 * u415 * mom. on mom. 2 3,5 6,8 9,11 12 2 3,5 4,8 9,11 10 2 1,5 4,8 7,11 10 4pdt
finish: matte. other colors, custom actuator markings and legends available, consult customer service center. note : hardware: two eachemounting screws, nuts, lockwashers and standoffs for 1/8 inch thick panel are supplied standard on all switches with panel mounting brackets. hardware is available separately, see section l. j1, j2, j3, j8 & j10 actuators available with c, w-w5, z or z3 terminations. panel mounting j8 j8 actuator actuatorepanel rear mount actuator color actuator rocker j3 actuator j10 actuator dimples mfg. option j3 rocker dimples mfg. option j10 rocker j2 lever j1 (std.) rocker j1 & j2 actuators rocker and lever handle switches c&k 7000 series rocker f f-7 www.ittcannon.com itt industries cannon option code actuator color 2 (std.) black 1 white 3 red
actuatoresnap-in front mount actuator color actuator j15 j16 j76 j25 panel mounting finish: matte. other colors, custom actuator markings and legends available, consult customer service center. note : frames are available separately, see section l. j15, j16, j25, j26 & j76 actuators available with 71xx, 72xx, u1xx & u2xx models and c, w-w5, z and z3 terminations. no frame color choice required. no frame color choice required. frame color j26 rocker with frame, snap-in rocker, snap-in lever, snap-in lever with frame, snap-in rocker with frame, snap-in rocker and lever handle switches c&k 7000 series rocker f f-8 www.ittcannon.com itt industries cannon option code actuator color 2 (std.) black 1 white 3 red option code frame color 2 (std.) black none no frame color (j15 or j25 options) 1 white 3 red
j50 j51 j52 j53 panel mounting finish: matte. other colors, custom actuator markings and legends available, consult customer service center. note : frames are available separately, see section l. j50, j51, j52 & j53 actuators available with 71xx, 72xx, u1xx & u2xx models and c, w-w5, z and z3 terminations. j50, j51 & j53 actuators j52 actuator no frame color choice required. * * * for j50: increase this dimension to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels. for j51, j52: increase this dimension to .620/.625 (15,75/15,88) for .060/.125 (1,52/3,18) thk. panels. no frame color choice required. led not included. for led information, see page l-30. actuatoresnap-in front mount actuator color actuator frame color rocker, snap-in rocker with frame, snap-in rocker with frame & led, snap-in rocker, snap-in rocker and lever handle switches c&k 7000 series rocker f f-9 www.ittcannon.com itt industries cannon option code actuator color 2 (std.) black 1 white 3 red option code frame color 2 (std.) black none no frame color (j50 or j53 options) 1 white 3 red
j60 j61 j62 j63 panel mounting finish: matte. other colors, custom actuator markings and legends available, consult customer service center. note : frames are available separately, see section l. j60, j61, j62 & j63 actuators available with 71xx, 72xx, u1xx & u2xx models and c, w-w5, z & z3 terminations. j60, j61 & j63 actuators j62 actuator no frame color choice required. * for j60: increase this dimension to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels. for j61, j62: increase this dimension to .620/.625 (15,75/15,88) for .060/.125 (1,52/3,18) thk. panels. no frame color choice required. * * led not included. for led information, see page l-30. actuatoresnap-in front mount actuator color actuator frame color lever, snap-in lever with frame, snap-in lever with frame & led, snap-in lever, snap-in rocker and lever handle switches c&k 7000 series rocker f f-10 www.ittcannon.com itt industries cannon option code actuator colors 2 (std.) black 1 white 3 red option code frame colors 2 (std.) black none no frame color (j60 or j63 options) 1 white 3 red
j90 j91 j92 j93 panel mounting finish: matte. other colors, custom actuator markings and legends available, consult customer service center. note : frames are available separately, see section l. j90, j91, j92 & j93 actuators available with 71xx, 72xx, u1xx & u2xx models and c, w-w5, z & z3 terminations. j90, j91 & j93 actuators j92 actuator no frame color choice required. * for j90: increase this dimension to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels. for j91, j92: increase this dimension to .620/.625 (15,75/15,88) for .060/.125 (1,52/3,18) thk. panels. no frame color choice required. * * led not included. for led information, see page l-30. actuatoresnap-in front mount actuator color actuator frame color lever, snap-in lever with frame, snap-in lever with frame & led, snap-in lever, snap-in rocker and lever handle switches c&k 7000 series rocker f f-11 www.ittcannon.com itt industries cannon option code actuator color 2 (std.) black 1 white 3 red option code frame color 2 (std.) black none no frame color (j90 or j93 options) 1 white 3 red
j11 j21 j19 j37 panel mounting actuator finish: matte. frame finish: gloss. other colors, custom actuator markings and legends available, consult customer service center. note : frames are available separately, see section l. j11, j19, j21 & j37 actuators available with c, w-w5, z & z3 terminations. j11 & j21 actuators j19 actuator j37 actuator actuatorerear mount actuator color actuator frame color rocker with frame lever with frame rocker with frame rocker with frame rocker and lever handle switches c&k 7000 series rocker f f-12 www.ittcannon.com itt industries cannon option code actuator color 2 (std.) black 1 white 3 red option code frame color 2 (std.) black 1 white c bright chrome s satin chrome
j8 rocker actuatorepc mount actuator color actuator j1 j2 finish: matte. other colors, custom actuator markings and legends available, consult customer service center. note : some permissible actuator/termination combinations may lack clearance between actuator and pc board, and care must be exercised to accommodate this condition. actuators are available separately, see section l. j1, j2 & j8 actuators available with a, a3, av2, av3, aw-aw4 & v2-v91 terminations. j3 actuators available with av2, av3 & v2-v91 terminations. j50 actuators available with a (dp, 3p models only), a3 (dp, 3p models only), av2, av3, aw-aw4 (dp, 3p models only) & v2-v91 terminations. (std.) rocker lever j3 rocker j50 rocker rocker and lever handle switches c&k 7000 series rocker f f-13 www.ittcannon.com itt industries cannon option code actuator color 2 (std.) black 1 white 3 red
actuatorepc mount actuator color actuator finish: matte. other colors, custom actuator markings and legends available, consult customer service center. note : some permissible actuator/termination combinations may lack clearance between actuator and pc board, and care must be exercised to accommodate this condition. actuators are available separately, see section l. j60 & j90 actuators available with a (dp, 3p models only), a3 (dp, 3p models only), av2, av3, aw-aw4 (dp, 3p models only) & v2-v91 terminations. j60 j90 lever lever z (std.) solder lug spdt thru 4pdt not available with k, l or m contact materials. available actuators, see pages f-7 thru f-14. c spdt thru 4pdt pc mounting note : available actuators, see pages f-7 thru f-14. z3 quick connect spdt thru 4pdt not available with k, l or m contact materials. available actuators, see pages f-7 thru f-14. mating quick connector available; order part number 530100000. w, w1, w3, w4, w5 wire wrap spdt thru 4pdt note : available actuators, see pages f-7 thru f-14. dim `a' (std.) pc thru-hole terminations rocker and lever handle switches c&k 7000 series rocker f f-14 www.ittcannon.com itt industries cannon option code actuator color 2 (std.) black 1 white 3 red option code dim `a' w .750 (19,05) w1 .964 (24,49) w3 .425 (10,80) w4 1.062 (26,97) w5 1.305 (33,15)
terminations dim `a' a a3 right angle, snap-in, pc thru-hole aw, aw1, aw3, aw4, aw5 right angle, extended, pc thru-hole pc mounting 7101j1abe2 note : pc pattern must clear switch support leg. spdt not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. actuator shown in pos. 1 section a-a (std.) right angle, pc thru-hole dim `a' .33 (8,4) a a3 right angle, snap-in, pc thru-hole aw, aw1, aw4, aw5 right angle, extended, pc thru-hole pc mounting 7201j1abe2 dpdt actuator shown in pos. 1 section a-a not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. (std.) right angle, pc thru-hole horizontal actuation horizontal actuation rocker and lever handle switches c&k 7000 series rocker f f-15 www.ittcannon.com itt industries cannon option code dim `a' aw .44 (11,2) aw1 .66 (16,8) aw3 .14 (3,6) aw4 .77 (19,6) aw5 1.02 (25,9) option code dim `a' aw .19 (4,8) aw1 .40 (10,2) aw4 .50 (12,7)
a aw4 right angle, extended, pc thru-hole pc mounting 7301j1abe2 3pdt not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. actuator shown in pos. 1 section a-a .37 (9,4) .33 typ. (8,4) terminations (std.) right angle, pc thru-hole av2 av3 vertical right angle, snap-in, pc thru-hole, .150  pitch pc mounting 7101j1av2be2 spdt actuator shown in pos. 1 section a-a not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. (std.) vertical right angle, pc thru-hole, .150  pitch horizontal actuation vertical actuation rocker and lever handle switches c&k 7000 series rocker f f-16 www.ittcannon.com itt industries cannon
av2 av3 vertical right angle, snap-in, pc thru-hole, .150  pitch pc mounting 7201j1av2be2 dpdt not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. actuator shown in pos. 1 section a-a terminations (std.) vertical right angle, pc thru-hole, .150  pitch av2 av3 vertical right angle, snap-in, pc thru-hole, .150  pitch pc mounting 7301j1av2be2 3pdt actuator shown in pos. 1 section a-a not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. (std.) vertical right angle, pc thru-hole, .150  pitch vertical actuation vertical actuation rocker and lever handle switches c&k 7000 series rocker f f-17 www.ittcannon.com itt industries cannon
av2 av3 vertical right angle, snap-in, pc thru-hole, .150  pitch pc mounting 7401j1av2be2 4pdt not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. actuator shown in pos. 1 section a-a terminations (std.) vertical right angle, pc thru-hole, .150  pitch v5 v51 vertical right angle, snap-in, pc thru-hole, .150  pitch v54, v55 vertical right angle, extended, pc thru-hole, .150  pitch pc mounting 7101j1v5be2 spdt not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. actuator shown in pos. 1 section a-a dim `a' .33 typ. (8,4) vertical right angle, pc thru-hole, .150  pitch vertical actuation vertical actuation rocker and lever handle switches c&k 7000 series rocker f f-18 www.ittcannon.com itt industries cannon option code dim `a' v54 .24 (6,1) v55 .48 (12,2)
vertical right angle, snap-in, pc thru-hole, .150  pitch vertical right angle, extended, pc thru-hole, .150  pitch v5 v51 v54, v55 pc mounting 7201j1v5be2 dpdt not available with i seal option. available actuators, see pages f-13 and f-14. terminal bend radii and lead-in manufacturing option. actuator shown in pos. 1 section a-a dim `a' .33 typ. (8,4) terminations vertical right angle, pc thru-hole, .150  pitch v2, v6, v7, v8 pc mounting 7101j1__be2 actuator shown in pos. 1 spdt not available with i seal option. available actuators, see pages f-13 and f-14. v21, v61, v71, v81 vertical mount, v-bracket, snap-in snap-in vertical mount, v-bracket vertical actuation rocker and lever handle switches c&k 7000 series rocker f f-19 www.ittcannon.com itt industries cannon option code dim `a' v54 .24 (6,1) v55 .48 (12,2) option code dim `a' v2, v21 .555 (14,10) v6, v61 .460 (11, 68) v7, v71 .630 (16, 00) v8, v81 .953 (24, 21)
v2, v6, v7, v8 dpdt 7201j1__be2 pc mounting v21, v61, v71, v81 actuator shown in pos. 1 not available with i seal option. available actuators, see pages f-13 and f-14. snap-in v2, v7, v8 pc mounting 7301j1__be2 actuator shown in pos. 1 not available with i seal option. available actuators, see pages f-13 and f-14. 3pdt v21, v71, v81 snap-in terminations vertical mount, v-bracket, snap-in vertical mount, v-bracket vertical mount, v-bracket, snap-in vertical mount, v-bracket 4pdt v2, v7, v8 7401j1__be2 pc mounting v21, v71, v81 actuator shown in pos. 1 not available with i seal option. available actuators, see pages f-13 and f-14. snap-in vertical mount, v-bracket, snap-in vertical mount, v-bracket rocker and lever handle switches c&k 7000 series rocker f f-20 www.ittcannon.com itt industries cannon option code dim `a' v2, v21 .555 (14,10) v6, v61 .460 (11, 68) v7, v71 .630 (16, 00) v8, v81 .953 (24, 21) option code dim `a' v2, v21 .555 (14,10) v7, v71 .630 (16, 00) v8, v81 .953 (24, 21) option code dim `a' v2, v21 .555 (14,10) v7, v71 .630 (16, 00) v8, v81 .953 (24, 21)
v3, v4, v9 not available with i seal option. available actuators, see pages f-13 and f-14. actuator shown in pos. 1 7101j1__be2 pc mounting spdt v31, v41, v91 snap-in v3, v4, v9 7201j1__be2 pc mounting not available with i seal option. available actuators, see pages f-13 and f-14. actuator shown in pos. 1 snap-in dpdt v31, v41, v91 terminations vertical mount, v-bracket, snap-in vertical mount, v-bracket vertical mount, v-bracket, snap-in vertical mount, v-bracket v4, v9 3pdt not available with i seal option. available actuators, see pages f-13 and f-14. actuator shown in pos. 1 7301j1__be2 pc mounting v41, v91 snap-in vertical mount, v-bracket, snap-in vertical mount, v-bracket rocker and lever handle switches c&k 7000 series rocker f f-21 www.ittcannon.com itt industries cannon option code dim `a' v3, v31 .460 (11,68) v4, v41 .630 (16,00) v9, v91 1.150 (29,21) option code dim `a' v3, v31 .460 (11,68) v4, v41 .630 (16,00) v9, v91 1.150 (29,21) option code dim `a' v4, v41 .630 (16,00) v9, v91 1.150 (29,21)
contact material u11-u415 model numbers with all options when ordered with g, l, m or q contact material. contact material/application recommendationssee chart, page l-31. 1 contacts & terminals: copper alloy, with gold plate over nickel plate. 2 end contacts: coin silver, with gold plate over nickel plate. 3 center contacts & all terminals: copper alloy, with gold plate over nickel plate. 4 end contacts: coin silver, silver plated. 5 center contact & all terminals: copper alloy, silver plated. 6 terminals: copper alloy, with tin-lead alloy over nickel plate. b contact material standard with all terminations except c, z & z3. q contact material standard with c, z & z3 terminations. k, l & m contact materials not available with z & z3 terminations. v4, v9 4pdt 7401j1__be2 pc mounting v41, v91 actuator shown in pos. 1 not available with i seal option. available actuators, see pages f-13 and f-14. snap-in terminations vertical mount, v-bracket, snap-in vertical mount, v-bracket seal e (std.) epoxy seal `a' i available with c, w-w5, z & z3 terminations. epoxy potted base rocker and lever handle switches c&k 7000 series rocker f f-22 www.ittcannon.com itt industries cannon option code dim `a' v4, v41 .630 (16,00) v9, v91 1.150 (29,21) option code contact material terminal plating ratings b (std.) 1 gold 1 k gold 1 tin-lead 6 low level/ dry circuit 0.4 va max. @ 20 v ac or dc max. q (std.) silver 45 silver 5 m silver 4,5 tin-lead 6 power 5 amps @ 120 v ac or 28 v dc; 2 amps @ 250 v ac. g gold 3 04vamax @20vacordcmax or5amps@120vacor l gold over silver 2,3 tin-lead 6 low level/ dry circuit or power 0.4 va max. @ 20 v ac or dc max. or 5 amps @ 120 v ac or 28 v dc; 2 amps @ 250 v ac. no. poles dim `a' sp .410 (10,41) dp .440 (11,18) 3p .505 (12,83) 4p .505 (12,83)


▲Up To Search▲   

 
Price & Availability of 7101J1AKE32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X